PART |
Description |
Maker |
LTM2881 LTM2882 LTC2804 LTC2801 LTC2802 LTC2803 LT |
RS232/RS485 Dual Multiprotocol Transceiver with Integrated Termination
|
Linear Technology
|
LTC2870 |
RS232/RS485 Multiprotocol Transceivers
|
Linear Technology
|
F81438 F81438G |
Single 5V RS232/RS422/RS485 Multiprotocol
|
Feature Integration Technology Inc.
|
AFD2200 AFD3200 AFD1200 |
Single 5V RS232/RS485 Multiprotocol Transceiver; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Single 5V RS232/RS485 Multiprotocol Transceiver; Package: SO; No of Pins: 28; Temperature Range: 0°C to 70°C Optoelectronic 光电
|
Infineon Technologies AG
|
LT1039A-16 LT1039A LT1039ACN1 LT1039ACSW LT1039AI |
Triple RS232 Driver/Receiver with Shutdown From old datasheet system TERM BLOCK HDR 5.08MM 15POS PCB JT 61C 61#20 SKT RECP Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDSO18 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDIP16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C TRIPLE LINE TRANSCEIVER, PDSO16
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
LT1039-16 LT1039CSW LT1039CSW16 LT1039MJ LT1039MJ1 |
From old datasheet system RS232 Driver/Receiver with Shutdown Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
LINER[Linear Technology] Linear Technology Corporation
|
DS8007A-EAG |
Multiprotocol Dual Smart Card Interface
|
Maxim Integrated Products Maxim Integrated Produc...
|
DS8007 |
multiprotocol dual smart card interface
|
Maxim Integrated Products
|
DS8007-ENG DS800711 |
Multiprotocol Dual Smart Card Interface 8kV (min) ESD Protection on Card Interfaces
|
Maxim Integrated Products
|
TSSOPSP3220ECY/TR WSOICSP3220ECT/TR SSOPSP3220ECA/ |
3.0V to 5.5V RS-232 Driver/Receiver Pair Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C
|
Sipex Corporation
|